Part Number Hot Search : 
SIZ902DT 2SK13 U209B 12SRWZ FDLDA801 HD64F3 A5800630 FS1610BH
Product Description
Full Text Search
 

To Download 1SMB10CAT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA GENERAL DATA APPLICABLE TO ALL SERIES IN THIS GROUP
1SMB10CAT3 SERIES
600 WATT PEAK POWER
PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 6.8-200 VOLTS 600 WATT PEAK POWER
Zener Transient Voltage Suppressors
The SMB series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. The SMB series is supplied in Motorola's exclusive, cost-effective, highly reliable Surmetic package and is ideally suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications.
* * * * * * *
Specification Features: Standard Zener Breakdown Voltage Range -- 6.8 to 200 V Stand-off Voltage Range -- 5 to 170 V Peak Power -- 600 Watts @ 1 ms Maximum Clamp Voltage @ Peak Pulse Current Low Leakage < 5 A Above 10 V UL Recognition Response Time Typically < 1 ns
Mechanical Characteristics: CASE: Void-free, transfer-molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are readily solderable POLARITY: Cathode indicated by molded polarity notch. When operated in zener mode, will be positive with respect to anode MOUNTING POSITION: Any LEADS: Modified L-Bend providing more contact area to bond pad MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES: 260C for 10 seconds WAFER FAB LOCATION: Phoenix, Arizona ASSEMBLY/TEST LOCATION: Seremban, Malaysia MAXIMUM RATINGS
Rating Peak Power Dissipation (1) @ TL 25C Forward Surge Current (2) @ TA = 25C Thermal Resistance from Junction to Lead (typical) Operating and Storage Temperature Range
NOTES: 1. Nonrepetitive current pulse per Figure 2 and derated above TA = 25C per Figure 3. NOTES: 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
CASE 403A PLASTIC
Symbol PPK IFSM RqJL TJ, Tstg
Value 600 100 25 - 65 to +150
Unit Watts Amps C/W C
REV 1
Motorola TVS/Zener Device Data
600 Watt Peak Power Data Sheet 5-1
GENERAL DATA -- 600 WATT PEAK POWER
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted).
Breakdown Voltage* Reverse Stand-Off Voltage VR Volts (1) 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 VBR @ IT Volts Min 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Clamping Voltage VC @ Ipp Volts 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 Peak Pulse Current (See Figure 2) Ipp{ Amps 35.3 33.0 30.2 27.9 25.8 24.0 23.1 21.7 20.5 18.5 16.9 15.4 14.2 13.2 12.4 11.3 10.3 9.3 8.6 8.3 7.7 7.3 6.9 6.4 6.2 5.8 5.3 4.9 4.7 Maximum Reverse Re erse Leakage @ VR IR A 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Device{{ 1SMB10CAT3 1SMB11CAT3 1SMB12CAT3 1SMB13CAT3 1SMB14CAT3 1SMB15CAT3 1SMB16CAT3 1SMB17CAT3 1SMB18CAT3 1SMB20CAT3 1SMB22CAT3 1SMB24CAT3 1SMB26CAT3 1SMB28CAT3 1SMB30CAT3 1SMB33CAT3 1SMB36CAT3 1SMB40CAT3 1SMB43CAT3 1SMB45CAT3 1SMB48CAT3 1SMB51CAT3 1SMB54CAT3 1SMB58CAT3 1SMB60CAT3 1SMB64CAT3 1SMB70CAT3 1SMB75CAT3 1SMB78CAT3
Device Marking KXC KZC LEC LGC LKC LMC LPC LRC LTC LVC LXC LZC MEC MGC MKC MMC MPC MRC MTC MVC MXC MZC NEC NGC NKC NMC NPC NRC NTC
{{ Surge current waveform per Figure 2 and derate per Figure 3 of the General Data -- 600 Watt at the beginning of this group. {{ T3 suffix designates tape and reel of 2500 units.
Note 1: A transient suppressor is normally selected according to the reverse "Stand Off Voltage" (VR) which should be equal to or greater than the DC or continuous peak operating voltage level. * * VBR measured at pulse test current IT at an ambient temperaure of 25C.
ABBREVIATIONS AND SYMBOLS VR Stand Off Voltage. Applied reverse voltage to assure a non-conductive condition (See Note 1). V(BR)min This is the minimum breakdown voltage the device will exhibit and is used to assure that conduction does not occur prior to this voltage level at 25C. VC Maximum Clamping Voltage. The maximum peak voltage appearing across the transient suppressor when
IPP PP IR
subjected to the peak pusle current in a one millisecond time interval. The peak pulse voltages are the combination of voltage rise due to both the series resistance and thermal rise. Peak Pulse Current -- See Figure 2 Peak Pulse Power Reverse Leakage
600 Watt Peak Power Data Sheet 5-2
Motorola TVS/Zener Device Data
GENERAL DATA -- 600 WATT PEAK POWER
100 NONREPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 2 10 100 VALUE (%) PEAK VALUE - IRSM tr PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF IRSM. tr 10 s
PP, PEAK POWER (kW)
1
50 tP
I HALF VALUE - RSM 2
0.1 0.1 s
1 s
10 s
100 s
1 ms
10 ms
0
0
1
2 t, TIME (ms)
3
4
tP, PULSE WIDTH
Figure 1. Pulse Rating Curve
160 PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT @ T = 25 C A 140 120 100 80 60 40 20 0 0 25 50 75 100 125 150 Vin Zin
Figure 2. Pulse Waveform
TYPICAL PROTECTION CIRCUIT
LOAD
VL
TA, AMBIENT TEMPERATURE (C)
Figure 3. Pulse Derating Curve
APPLICATION NOTES
RESPONSE TIME In most applications, the transient suppressor device is placed in parallel with the equipment or component to be protected. In this situation, there is a time delay associated with the capacitance of the device and an overshoot condition associated with the inductance of the device and the inductance of the connection method. The capacitive effect is of minor importance in the parallel protection scheme because it only produces a time delay in the transition from the operating voltage to the clamp voltage as shown in Figure 4. The inductive effects in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. This inductive effect produces an overshoot in the voltage across the equipment or component being protected as shown in Figure 5. Minimizing this overshoot is very important in the application, since the main purpose for adding a transient suppressor is to clamp voltage spikes. The SMB series have a very good response time, typically < 1 ns and negligible inductance. However, external inductive effects could produce unacceptable overshoot. Proper circuit layout, minimum lead lengths and placing Motorola TVS/Zener Device Data the suppressor device as close as possible to the equipment or components to be protected will minimize this overshoot. Some input impedance represented by Zin is essential to prevent overstress of the protection device. This impedance should be as high as possible, without restricting the circuit operation. DUTY CYCLE DERATING The data of Figure 1 applies for non-repetitive conditions and at a lead temperature of 25C. If the duty cycle increases, the peak power must be reduced as indicated by the curves of Figure 6. Average power must be derated as the lead or ambient temperature rises above 25C. The average power derating curve normally given on data sheets may be normalized and used for this purpose. At first glance the derating curves of Figure 6 appear to be in error as the 10 ms pulse has a higher derating factor than the 10 s pulse. However, when the derating factor for a given pulse of Figure 6 is multiplied by the peak power value of Figure 1 for the same pulse, the results follow the expected trend. 600 Watt Peak Power Data Sheet 5-3
GENERAL DATA -- 600 WATT PEAK POWER
Vin (TRANSIENT) VL VL
V
Vin (TRANSIENT)
V
OVERSHOOT DUE TO INDUCTIVE EFFECTS
Vin td
tD = TIME DELAY DUE TO CAPACITIVE EFFECT t
t
Figure 4.
Figure 5.
1 0.7 0.5 0.3 DERATING FACTOR 0.2 0.1 0.07 0.05 0.03 0.02 10 s 0.01 0.1 0.2 0.5 1 2 5 10 D, DUTY CYCLE (%) 20 50 100 PULSE WIDTH 10 ms
1 ms 100 s
Figure 6. Typical Derating Factor for Duty Cycle
UL RECOGNITION
The entire series has Underwriters Laboratory Recognition for the classification of protectors (QVGV2) under the UL standard for safety 497B and File #116110. Many competitors only have one or two devices recognized or have recognition in a non-protective category. Some competitors have no recognition at all. With the UL497B recognition, our parts successfully passed several tests including Strike Voltage Breakdown test, Endurance Conditioning, Temperature test, Dielectric Voltage-Withstand test, Discharge test and several more. Whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their Protector category.
600 Watt Peak Power Data Sheet 5-4
Motorola TVS/Zener Device Data
GENERAL DATA -- 600 WATT PEAK POWER
Transient Voltage Suppressors -- Surface Mounted
600 Watt Peak Power
0.089 2.261 S A 0.108 2.743
D
B
0.085 2.159
inches mm
SMB Footprint
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P. INCHES MIN MAX 0.160 0.180 0.130 0.150 0.075 0.095 0.077 0.083 0.0020 0.0060 0.006 0.012 0.030 0.050 0.020 REF 0.205 0.220 MILLIMETERS MIN MAX 4.06 4.57 3.30 3.81 1.90 2.41 1.96 2.11 0.051 0.152 0.15 0.30 0.76 1.27 0.51 REF 5.21 5.59
C
K
P
J
H
DIM A B C D H J K P S
CASE 403A PLASTIC
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
MULTIPLE PACKAGE QUANTITY (MPQ) REQUIREMENTS
Package Option Tape and Reel Type No. Suffix T3 (13 inch reel) MPQ (Units) 2.5K
(Refer to Section 10 for more information on Packaging Specifications.)
Motorola TVS/Zener Device Data
600 Watt Peak Power Data Sheet 5-5


▲Up To Search▲   

 
Price & Availability of 1SMB10CAT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X